Part Number Hot Search : 
2412SE C74VH PM439 20121 TFH167A AT89C5 287RF MOC3083
Product Description
Full Text Search
 

To Download DF005S-DF10S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S - DF10S
Discrete POWER & Signal Technologies
DF005S - DF10S
0.255 (6.477) 0.245 (6.223) 0.042 (1.067) 0.038 (0.965)
* * *
Surge overload rating: 50 amperes peak. Glass passivated junction.
+
Features
0.205 (5.207) 0.195 (4.953)
0.335 (8.509) 0.320 (8.128)
SDIP
Low leakage.
LOW PROFILE ALSO AVAILABLE BODY - - 0.102 (2.591)* 0.095 (2.413)*
Dimensions are in: inches (mm)
0.009 (0.229) Typical
0.310 (7.874) 0.290 (7.366) 0.135 (3.429)* 0.115 (2.921)* 0.060 (1.524) 0.040 (1.016)
0.008 (0.203) 0.004 (0.102)
1.5 Ampere Bridge Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge) PD RJA Tstg TJ
TA = 25C unless otherwise noted
0.410 (10.414) 0.360 ( 9.144)
Parameter
Average Rectified Current @ TA = 40C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient,** per leg Storage Temperature Range Operating Junction Temperature
Value
1.5
Units
A
50 3.1 25 40 -55 to +150 -55 to +150
A W mW/C C/W C C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.5 x 0.5" (13 x 13 mm).
Electrical Characteristics
Parameter
TA = 25C unless otherwise noted
Device
005S 01S 100 70 100 02S 200 140 200 04S 400 280 400 5.0 500 1.1 10 25 06S 600 420 600 08S 800 560 800 10S 1000 700 1000 50 35 50
Units
V V V A A V 2 A Sec pF
Peak Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Leakage, total bridge @ rated VR TA = 25C TA = 125C Maximum Forward Voltage Drop, per bridge @ 1.0 A 2 I t rating for fusing t < 8.35 ms Typical Junction Capacitance, per leg VR = 4.0 V, f = 1.0 MHz
(c)1998 Fairchild Semiconductor Corporation
DF005S-DF10S, Rev. A
DF005S - DF10S
Bridge Rectifiers
(continued)
Typical Characteristics
Non-Repetitive Surge Current
50 FORWARD SURGE CURRENT (A) FORWARD CURRENT (A) 1.5
Output Rectified Current
40
1
30
20
0.5
10
0
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
0 20
40
60 80 100 120 140 AMBIENT TEMPERATURE ( C)
160
Forward Characteristics
10 REVERSE CURRENT ( A) FORWARD CURRENT (A) 10
Reverse Characteristics
T A = 100 C
1
1
0.1
TA = 25 C Pulse Width = 200s
0.1
TA = 25 C
0.01 0.4
0.6
0.8 1 1.2 FORWARD VOLTAGE (V)
1.4
0.01
0
20 40 60 80 100 120 NORMALIZED REVERSE VOLTAGE (%)
140
DF005S-DF10S, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of DF005S-DF10S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X